Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download SFH619A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFH619A
Vishay Semiconductors
Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
FEATURES
A C
1 2 4 3
C E
* High collector emitter voltage, VCEO = 300 V * High isolation test voltage: 5300 VRMS * Standard plastic DIP-4 package * Compatible with Toshiba TLP627 * Lead (Pb)-free component * Component in accordance to 2002/95/EC and WEEE 2002/96/EC RoHS
i179062
AGENCY APPROVALS DESCRIPTION
The SFH619A is optically coupled isolators with a gallium arsenide infrared LED and a silicon photodarlington sensor. Switching can be achieved while maintaining a high degree of isolation between driving and load circuits. These optocouplers can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields. * UL - file no. E52744 system code H or J * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * BSI IEC 60950; IEC 60065 * FIMKO
ORDER INFORMATION
PART SFH619A SFH619A-X007 SFH619A-X009 Note For additional information on the available options refer to option information. REMARKS CTR > 1000 %, DIP-4 CTR > 1000 %, SMD-4 (option 7) CTR > 1000 %, SMD-4 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Derate linearly from 25 C Power dissipation OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector (load) current Derate linearly from 25 C Power dissipation COUPLER Derate linearly from 25 C Total power dissipation Isolation test voltage between emitter and detector, standard climate: 23 C/50 % RH, DIN 50014
(1)
TEST CONDITION
SYMBOL VRM IF Pdiss BVCEO BVECO IC Pdiss
VALUE 6.0 60 1.33 100 300 0.3 125 2.0 150 3.33
UNIT V mA mW/C mW V V mA mW/C mW mW/C mW VRMS
Ptot t = 1.0 s VISO
250 5300
Document Number: 83674 Rev. 1.5, 25-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 1
SFH619A
Vishay Semiconductors Optocoupler, Photodarlington Output,
High Gain, 300 BVCEO
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation resistance Storage temperature Operating temperature Soldering temperature (2) max. 10 s, dip soldering: distance to seating plane 1.5 mm VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb Tsld 1012 1011 - 55 to + 150 - 55 to + 100 260 C C C
(1)
TEST CONDITION
SYMBOL
VALUE
UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector emitter dark current Collector emitter capacitance COUPLER Collector emitter saturation voltage Coupling capacitance IF = 1.0 mA, IC = 10 mA IF = 10 mA, IC = 100 mA VI-O = 0 V, f = 1.0 MHz VCEsat VCEsat CC 0.3 0.6 1.0 1.2 V V pF ICE = 100 A IEC = 100 A VCE = 200 V,TA = 25 C VCE = 200 V,TA = 100 C VCE = 0 V, f = 1.0 MHz BVCEO BVECO ICEO ICEO CCE 39 300 0.3 10 200 20 V V nA nA pF IF = 10 mA VR = 6.0 V VR = 0 V VF IR CO 1.2 0.02 14 1.5 10 V A pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER Coupling transfer ratio TEST CONDITION IF = 1.0 mA, VCE = 1.0 V SYMBOL CTR MIN. 1000 TYP. MAX. UNIT %
SWITCHING CHARACTERISTICS
PARAMETER Rise time Fall time Turn-on time Turn-off time TEST CONDITION VCC = 10 V, IC = 10 mA, RL = 100 VCC = 10 V, IF = 16 mA, RL = 180 VCC = 10 V, IC = 10 mA, RL = 100 VCC = 10 V, IF = 16 mA, RL = 180 VCC = 10 V, IC = 10 mA, RL = 100 VCC = 10 V, IF = 16 mA, RL = 180 VCC = 10 V, IC = 10 mA, RL = 100 VCC = 10 V, IF = 16 mA, RL = 180 SYMBOL tr tr tf tf ton ton toff toff MIN. TYP. 3.5 1.0 14.5 20.5 4.5 1.5 29.0 53.5 MAX. UNIT s s s s s s s s
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83674 Rev. 1.5, 25-Jan-08
SFH619A
Optocoupler, Photodarlington Output, Vishay Semiconductors High Gain, 300 BVCEO
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Comparative tracking index VIOTM VIORM PSO ISI TSI Creepage distance Clearance distance Creepage distance Clearance distance Insulation thickness, reinforced rated standard DIP-4 standard DIP-4 400 mil DIP-4 400 mil DIP-4 per IEC 60950 2.10.5.1 7 7 8 8 0.4 CTI 175 10000 890 400 275 175 TEST CONDITION SYMBOL MIN. TYP. 55/100/21 399 V V mW mA C mm mm mm mm mm MAX. UNIT
Note As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1000 Collector Current, IC (mA)
IF
VCE = 1.2 V
VCC RL VCE
100 10 1 0.1 0.01 0 1 10 Forward Current, IF (mA) 100 VCE = 1.0 V
VO
tR
IF
t ON
tF t OFF
isfh619a_01 isfh619a_03
Fig. 1 - Switching Waveform and Switching Schematic
Fig. 2 - Collector Current (mA) vs. Forward Current (mA)
Document Number: 83674 Rev. 1.5, 25-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
SFH619A
Vishay Semiconductors Optocoupler, Photodarlington Output,
High Gain, 300 BVCEO
140 Collector Current, IC (mA) 120
TA = - 100 C
1000.00
VCE = 300 V
100 80
TA = - 40 C
100.00 ICEO (nA)
TA = - 25 C
VCE = 200 V VCE = 50 V
60 40 20 0 0 5 10 15 20 25 30 35 Forward Current, IF (mA) 40 45 50
10.00
1.00
0.10 - 40
isfh619a_07
- 20
0
20
40
60
80
100
isfh619a_04
Temperature, TA (C)
Fig. 3 - Collector Current vs. Forward Current
Fig. 6 - Collector Emitter Dark Current vs. Collector Emitter Voltage over Temperature
90 Collector Current, IC (mA) 80 70 60 50 40 30 20 10 0 - 40
isfh619a_05
10000 IF = 10 mA Current Transfer Ratio, CTR VCE=1.2 V 1000 VCE=1 V
IF = 1 mA
100 0.10 1.00 10.00 Forward Current, IF (mA) 100.00
- 20
0
20 40 60 Temperature, TA (C)
80
100
isfh619a_08
Fig. 4 - Collector Current vs. Ambient Temperature
Fig. 7 - Current Transfer Ratio vs. Forward Current
140 Collector Current, IC (mA) 120 100 80 60 40 20 0 0.6
isfh619a_06
1.2 IF = 10 mA 1.0 Normalized CTR 0.8 0.6 0.4 0.2 0 - 40
isfh619a_09
IF = 1.0 mA
0.7
0.8 0.9 1.0 1.1 Collector Emitter Voltage, VCE (V)
1.2
- 20
0
20
40
60
80
100
Temperature, TA (C)
Fig. 5 - Collector Current vs. Collector Emitter Voltage
Fig. 8 - Normalized CTR vs. Temperature
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83674 Rev. 1.5, 25-Jan-08
SFH619A
Optocoupler, Photodarlington Output, Vishay Semiconductors High Gain, 300 BVCEO
1000.00 Time Switching (s)
100.00
t OFF
10.00
t ON
1.00 0.1
isfh619a_10
1 Load Resistor, RL (k)
10
Fig. 9 - Switching Time vs. Load Resistor
PACKAGE DIMENSIONS in inches (millimeters)
2 1 Pin one ID
0.255 (6.48) 0.268 (6.81)
ISO method A
3
4
0.179 (4.55) 0.190 (4.83) 0.300 (7.62) typ. 0.030 (0.76) 0.045 (1.14) 0.031 (0.79) typ. 0.050 (1.27) typ. 0.130 (3.30) 0.150 (3.81) 4 typ. 0.018 (0.46)
i178027
0.230 (5.84) 0.250 (6.35) 10 0.110 (2.79) 0.130 (3.30) 3 to 9 0.008 (0.20) 0.012 (0.30)
0.020 (0.508) 0.035 (0.89) 0.050 (1.27) 0.100 (2.54)
0.022 (0.56)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7) min.
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
Document Number: 83674 Rev. 1.5, 25-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
SFH619A
Vishay Semiconductors Optocoupler, Photodarlington Output,
High Gain, 300 BVCEO
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83674 Rev. 1.5, 25-Jan-08
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SFH619A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X